Part Number Hot Search : 
BZX84C3V 26681 DA01A MAX1093 BNR14R21 68W73 SD3H1C 080CT
Product Description
Full Text Search
 

To Download DDTA113TUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30327 rev. 6 - 2 1 of 3 www.diodes.com ddta (r1-only series) ua ? diodes incorporated ddta (r1-only series) ua pnp pre-biased small signal surface mount transistor features ? epitaxial planar die construction ? complementary npn types available (ddtc) ? built-in biasing resistor, r1 only ? lead free/rohs compliant (note 2) ? "green" device (note 3 and 4) mechanical data ? case: sot-323 ? case material: molded plastic, "green" molding compound, note 4. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020c ? terminal connections: see diagram ? terminals: solderable per mil-std-202, method 208 ? lead free plating (matte tin finish annealed over alloy 42 leadframe). ? marking information: see page 3 ? type code: see table below ? ordering information: see page 3 ? weight: 0.006 grams (approximate) p/n r1 (nom) type code DDTA113TUA ddta123tua ddta143tua ddta114tua ddta124tua ddta144tua ddta115tua ddta125tua 1k 2.2k 4.7k 10k 22k 47k 100k 200k p01 p03 p07 p12 p16 p19 p23 p25 sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18 0 8 all dimensi mm ons in b r 1 schematic diagram e c a m j l ed b c h k g b e c new product maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c (max) -100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r ja 625 c/w operating and storage temperature range t j , t stg -55 to +150 c notes: 1. mounted on fr4 pc board with recommended pad layout as shown on diodes inc., sugges ted pad layout document ap02001, which can be found on our website at http://www.di odes.com/datasheets/ap02001.pdf 2. no purposefully added lead. 3. diodes inc.'s "green" policy can be found on our website at http://www.diodes.c om/products/lead_free/index.php. 4. product manufactured with date code 0627 (week 27, 2006) an d newer are built with green molding compound. product manufact ured prior to date code 0627 are built with non-green molding co mpound and may contain halogens or sb2o3 fire retardants.
ds30327 rev. 6 - 2 2 of 3 www.diodes.com ddta (r1-only series) ua ? diodes incorporated electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -50 ? ? v i c = -50 a collector-emitter breakdown voltage bv ceo -50 ? ? v i c = -1ma emitter-base breakdown voltage bv ebo -5 ? ? v i e = -50 a collector cutoff current i cbo ? ? -0.5 a v cb = -50v emitter cutoff current i ebo ? ? -0.5 a v eb = -4v collector-emitter saturation voltage v ce(sat) ? ? -0.3 v i c/ i b = -10ma/-1ma DDTA113TUA i c/ i b = -5ma/-0.5ma ddta123tua i c/ i b = -2.5ma/-.25ma ddta143tua i c/ i b = -1ma/-.1ma ddta114tua i c/ i b = -5ma/-0.5ma ddta124tua i c/ i b = -2.5ma/-.25ma ddta144tua i c/ i b = -1ma/-0.1ma ddta115tua i c/ i b = -.5ma/-.05ma ddta125tua dc current transfer ratio h fe 100 250 600 ? i c = -1ma, v ce = -5v input resistor (r 1 ) tolerance r 1 -30 ? +30 % ? gain-bandwidth product* f t ? 250 ? mhz v ce = -10v, i e = 5ma, f = 100mhz new product * transistor - for reference only typical curves ? ddta114tua -50 050100 250 200 150 50 100 0 t , ambient temperature ( c) fig. 1 derating curve a 150 p , p o we r dissi p a t i o n (milliwa t t s) d 0.001 0.01 0.1 1 0 10 20 30 40 50 v, maxim u m c o lle c t o r v o l t a g e (v) ce(sat) i , collector current (ma) fig. 2 v vs. i c ce(sat) c i/i = 10 cb -25 c 25 c 75 c 10 1,000 100 1 11 0 h, d 1 0 0 c c u r r e n t g ai n ( n o r malized) fe i , collector current (ma) fig. 3 dc current gain c v = 10 ce 0 6 12 0 20 30 c , c a p a c i t a n c e (p f ) ob v , reverse bias voltage (v) fig. 4 output capacitance r 10 51 5 25 8 4 2 i = 0v e 10
ds30327 rev. 6 - 2 3 of 3 www.diodes.com ddta (r1-only series) ua ? diodes incorporated 0.01 0.1 1 10 100 012 34 89 10 i, c o lle c t o r c u r r en t (ma) c v , input voltage (v) fig. 5 collector current vs. input voltage in 5 67 75c 25c 0.001 0 1 10 010203040 i , collector current (ma) fig. 6 input voltage vs. collector current c 50 v = 0.2 o v , input voltage (v) in new product ordering information (note 4 & 5) device packaging shipping DDTA113TUA-7-f sot-323 3000/tape & reel ddta123tua-7-f sot-323 3000/tape & reel ddta143tua-7-f sot-323 3000/tape & reel ddta114tua-7-f sot-323 3000/tape & reel ddta124tua-7-f sot-323 3000/tape & reel ddta144tua-7-f sot-323 3000/tape & reel ddta115tua-7-f sot-323 3000/tape & reel ddta125tua-7-f sot-323 3000/tape & reel notes: 5. for packaging details, go to our w ebsite at http://www.diodes .com/datasheets/ap02007.pdf. marking information xxx ym xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september date code key year 2006 2007 2008 2009 2010 2011 2012 code t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of DDTA113TUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X